Part Number Hot Search : 
HM9209 83C751 B8806 2835590 ISD120 642T40 IRF250 LL5230B
Product Description
Full Text Search
 

To Download TOMC16011003ZT5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TOMC
Vishay Thin Film
SURFACE MOUNT NETWORKS
Molded, 50 Mil Pitch Resistor Networks
FEATURES
* Lead (Pb)-free available * 0.090" (2.29 mm) maximum seated height * Rugged, molded case construction (0.22" wide) * Highly stable thin film (500 ppm at 70 C, 10 000 h) * Low temperature coefficient, 25 ppm/C (- 55 C to + 125 C) * Wide resistance range 100 to 100 k * Isolated/Bussed circuits
Pb-free Available
RoHS*
COMPLIANT
Actual Size
Vishay Thin Film offers standard circuits in 16 pin in a medium body molded surface mount package. The networks are available over a resistance range of 100 to 100 k. The network features tight ratio tolerances and close TCR tracking. In addition to the standards shown, custom circuits are available upon request.
TYPICAL PERFORMANCE
ABS TCR 25 ABS TOL 0.1 TRACKING 5 RATIO 0.025
SCHEMATIC
The 01 circuit provides 15 nominally equal resistors, each connected between a common lead (16) and a discrete PC board pin.
TOMC-1601 01 circuit
Ref. Pin No. 1
Ref.
Pin No. 1 TOMC-1603 03 circuit
The 03 circuit provides a choice of 8 nominally equal resistors with each resistor isolated from all others and wired directly across.
STANDARD ELECTRICAL SPECIFICATIONS
TEST Pin Number Resistance Range TCR: Tolerance: Power Rating: Stability: Voltage Coefficient Working Voltage Operating Temperature Range Storage Temperature Range Noise Thermal EMF Shelf Life Stability: Absolute Ratio Tracking Absolute Ratio Absolute Resistor Package R Absolute R Ratio SPECIFICATIONS 16 100 to 100 k 5 ppm/C 25 ppm/C 0.5 %, 0.1 %, 0.05 %, 0.025 % 0.1 %, 0.5 %, 0.25 %, 0.1 % Pin 1 Common = 50 mW Isolated = 100 mW 750 mW 500 ppm 150 ppm 0.1 ppm/V 50 V - 55 C to + 125 C - 55 C to + 150 C < - 30 dB 0.08 V/C 100 ppm 20 ppm 1 year at + 25 C 1 year at + 25 C - 55 C to + 125 C - 55 C to + 125 C + 25 C + 25 C Max. at + 70 C Max. at + 70 C 2000 h at + 70 C 2000 h at + 70 C CONDITIONS
* Pb containing terminations are not RoHS compliant, exemptions may apply Document Number: 60008 Revision: 05-Mar-08 For technical questions, contact: thin-film@vishay.com www.vishay.com 27
SURFACE MOUNT NETWORKS
TOMC
Vishay Thin Film
Molded, 50 Mil Pitch Resistor Networks
DIMENSIONS AND IMPRINTING in inches and millimeters
DIMENSION D E F G H J K L M N P Q R S TYPE 16 A 0.350" (8.89) INCHES 0.050 0.018 0.160 0.08 0.036 0.22 0.244 0.30 0.045 0.003 0.005 0.008 0.085 0.003 B 0.400" (10.16) MM 1.27 0.457 4.06 2.03 0.914 5.59 6.20 7.52 1.14 0.076 1.27 0.203 2.16 0.076 C 0.440" (11.176)
D Date Code VISHAY Symbol Lead #1 Indicator M N 7
A E Typical Part No.
TOMC-XX
G H
Centered Max. 7 F Marking J Area 7
K L 0.015 (1.27)
B Centered Max., Marking Area C
P S 7
Q R
DERATING CURVES
TOMC-1601 TOMC-1603 0.75 W 0.65 W 0.48 W
0.75 W 0.65 W
POWER
POWER
0.48 W
Single Resistor 0.045 W 0.05 W - 50 C - 25 C + 70 C + 125 C + 150 C
Single Resistor 0.085 W
0.05 W - 50 C - 25 C + 70 C + 125 C + 150 C
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: TOMC16031002BUF (preferred part number format)
T T O
O M
M C
C T
1 1
6 6
0 0
3 1
1 1
0 0
0 0
2 3
B Z
U T
F 1
GLOBAL MODEL (4 or 5 digits) TOMC (Tin lead) TOMCT (Lead (Pb)-free) (e3)
PINS 16
SCHEMATIC 01 = 15 bussed equal resistors 03 = 7 or 8 isolated equal resistors
RESISTANCE First 3 digits are significant figures and the last digit specifies the number of zeroes to follow. Example: 1002 = 10K 1003 = 100K
TOLERANCE AND RATIO TOLERANCE Abs. tol. **A = 0.1 % B = 0.1 % C = 0.25 % D = 0.5 % F=1% *Z = 0.1 % Ratio 0.05 % 0.1 % 0.1 % 0.1 % 0.5 % 0.025 %
PACKAGING TAPE AND REEL T0 = 100 min. 100 mult T1 = 1000 min. 1000 mult T3 = 300 min. 300 mult T5 = 500 min. 500 mult TF = Full reel 2000 TS = 100 min. 1 mult UF = TUBED
* Tol. available 1K and up ** Tol. available 250 and up
Historical Part Number example: TOMC16011002Z (will continue to be accepted) TOMC SERIES www.vishay.com 28 16 NUMBER OF LEADS 01 SCHEMATIC 1002 RESISTANCE Z TOLERANCE AND RATIO TOLERANCE Document Number: 60008 Revision: 05-Mar-08
For technical questions, contact: thin-film@vishay.com
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of TOMC16011003ZT5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X